PART |
Description |
Maker |
29F002 MX29F002BQI-12 MX29F002NBQI-12 MX29F002TPI- |
DIODE SCHOTTKY 15V 2X20A TO247AD DIODE SCHOTTKY 45V 2X20A TO247AD MOSFET N-CH 500V 14A TO-247AD Low Cost Precision Difet Operational Amplifier 8-SOIC 0 to 70 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 IC MOSFET DRIVER LS 4A DUAL 8DIP 256K X 8 FLASH 5V PROM, 90 ns, PQCC32 MOSFET N-CH 500V 20A TO-247AD 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDIP32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HYB514175BJ-50- Q67100-Q2100 HYB514175BJ-55 HYB514 |
256k x 16-Bit EDO-DRAM 256k x 16位江户的DRAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
KM641003A |
256K x 4 Bit(with OE)High-Speed CMOS Static RAM(256K x 4 OE)高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
LP62S2048AM-55LLT LP62S2048AM-70LLT LP62S2048A-T L |
256K X 8 BIT LOW VOLTAGE CMOS SRAM 256K × 8位低电压CMOS的SRAM CAC 3C 3#12 PIN PLUG
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
MX27L2000T2I-25 MX27L2000T2I-20 MX27L2000T3I-15 MX |
XO 33.3333MHZ 50PPM 3.3V SMD-7050 TR-7-PL CAP 10UF 25V 10% TANT RAD.10 TR-14 LT Series Water Resistant Linear Position Transducer, 50,8 mm [2.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000202 null2M-BIT [256Kx8] CMOS EPROM 256K X 8 OTPROM, 120 ns, PDSO32 OSCILLATOR 24.576MHZ SMD 256K X 8 OTPROM, 150 ns, PDSO32 null2M-BIT [256Kx8] CMOS EPROM 256K X 8 OTPROM, 200 ns, PDSO32
|
Macronix International Co., Ltd.
|
|